전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS3810PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFPS3810PBF
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFPS3810PBF Datasheet HTML 1Page - International Rectifier IRFPS3810PBF Datasheet HTML 2Page - International Rectifier IRFPS3810PBF Datasheet HTML 3Page - International Rectifier IRFPS3810PBF Datasheet HTML 4Page - International Rectifier IRFPS3810PBF Datasheet HTML 5Page - International Rectifier IRFPS3810PBF Datasheet HTML 6Page - International Rectifier IRFPS3810PBF Datasheet HTML 7Page - International Rectifier IRFPS3810PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPS3810PbF
HEXFET® Power MOSFET
The HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed
and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in
a wide variety of applications.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
170
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
120
†
A
IDM
Pulsed Drain Current

670
PD @TC = 25°C
Power Dissipation
580
W
Linear Derating Factor
3.8
W/°C
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy
‚
1350
mJ
IAR
Avalanche Current

100
A
EAR
Repetitive Avalanche Energy

58
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.3
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.26
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
VDSS = 100V
RDS(on) = 0.009Ω
ID = 170A
†
Description
9/10/04
www.irf.com
1
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Super-247™
PD - 95703
l Lead-Free


유사한 부품 번호 - IRFPS3810PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFPS3810PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com