전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78L06F 데이터시트(PDF) 11 Page - KEC(Korea Electronics)

부품명 KIA78L06F
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L06F 데이터시트(HTML) 11 Page - KEC(Korea Electronics)

Back Button KIA78L06F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 9Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 10Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 11Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 12Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 13Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 14Page - KEC(Korea Electronics) KIA78L06F Datasheet HTML 15Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2014. 2. 26
11/16
KIA78L05F~KIA78L24F
Revision No : 6
ELECTRICAL CHARACTERISTICS
KIA78L24F
(Unless otherwise specified, VIN=33V, IOUT=40mA, CIN=0.33μ
F, COUT=0.1μ
F, 0
℃≦T
j≦125℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
22.8
24
25.2
V
Input Regulation
Reg line
1
Tj=25℃
27.5V
≦V
IN≦38V
-
35
350
mV
28V
≦V
IN≦38V
-
30
300
Load Regulation
Reg load
1
Tj=25℃
1.0mA
≦I
OUT≦100mA
-
40
200
mV
1.0mA
≦I
OUT≦40mA
-
20
100
Output Voltage
VOUT
1
27.5V
≦V
IN≦38V
1.0mA
≦I
OUT≦40mA
22.32
-
25.68
V
VIN=33V, 1.0mA≦IOUT≦70mA
22.32
-
25.68
Quiescent Current
IB
1
Tj=25℃
-
3.5
6.5
mA
Tj=125℃
-
-
6.0
Quiescent Current Change
ΔI
B
1
28V
≦V
IN≦38V
-
-
1.5
mA
1.0mA
≦I
OUT≦40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
℃, 10Hz≦f≦100kHz
-
200
-
μV
rms
Long Term Stability
ΔV
OUT/Δt
1
-
56
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz,
29V
≦V
IN≦39V, Tj=25℃
31
35
-
dB
Dropout Voltage
| VIN-VOUT |
1
Tj=25℃
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-2.0
-
mV/


유사한 부품 번호 - KIA78L06F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78L06F KEC-KIA78L06F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results

유사한 설명 - KIA78L06F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com