전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78D10F 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KIA78D10F
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D10F 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KIA78D10F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D10F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D10F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D10F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D10F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D10F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2009. 2. 10
4/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
0.33
µF
IQ
RL
RL
IO
VO
VO
CO
VIN
VIN
VIN
47
µF
0.33
µF
Fig. 1 Standard Test Circuit
KIA78DXX
47
µF
Fig. 2 Ripple Rejection Test Circuit
ei
eo
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
KIA78DXX
Specific IC
1
2
3
Fig. 3 Application Circuit for Standard
A
3
2
1
V
A
V
3
2
1


유사한 부품 번호 - KIA78D10F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78D10F KEC-KIA78D10F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D10F/PI KEC-KIA78D10F/PI Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D10F/PI KEC-KIA78D10F/PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
More results

유사한 설명 - KIA78D10F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com