전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78R025ZZPI 데이터시트(PDF) 9 Page - KEC(Korea Electronics)

부품명 KIA78R025ZZPI
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R025ZZPI 데이터시트(HTML) 9 Page - KEC(Korea Electronics)

  KIA78R025ZZPI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R025ZZPI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
2010. 2. 2
9/9
KIA78R000ZF/ZPI~~KIA78R050ZF/ZPI
Revision No : 0
Fig. 14 IOUT - R.R
OUTPUT CURRENT IO (A)
0.0
30
35
40
45
50
55
60
65
70
75
80
0.2
0.4
0.6
0.8
1.0
Fig. 15 PD - Ta (F-Type : DPAK-5)
Fig. 16 PD - Ta (PI-Type : TO-220IS-4)
ei(rms)=0.5V, f=120Hz
V
IN=VO(Typ.)+2V
V
C=2.7V, CO=47µF,
Ta=25 C
Fig. 13 fIN - R.R
INPUT RIPPLE FREQUENCY fIN (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
ei(rms)=0.5V,
V
IN=VO(Typ.)+2V
V
C=2.7V, IO=0.5A,
C
O
=47
µF, Ta=25 C
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W
AMBIENT TEMPERATURE Ta ( C)
-25
150
050
100
0
5
10
20
15
THERMAL RESISTANCE
J-C
8.33
J-A
83.3
C/W


유사한 부품 번호 - KIA78R025ZZPI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78R025ZF/ZPI KEC-KIA78R025ZF/ZPI Datasheet
121Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78R025ZZPI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com