전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA278R10PI 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIA278R10PI
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R10PI 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIA278R10PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R10PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008. 6. 24
2/7
KIA278R05PI~KIA278R15PI
Revision No : 5
BANDGAP
REFERENCE
1
4
3
Vo
VIN
GND
-
+
CONTROL
OUTPUT ON/OFF
OVER HEAT
PROTECTION
2
ASO
PROTECTION
VC
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=1.0A, Ta=25 , Note1.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA278R05
VO
-
4.88
5.0
5.12
V
KIA278R06
-
5.85
6.0
6.15
KIA278R08
-
7.80
8.0
8.2
KIA278R09
-
8.78
9.0
9.22
KIA278R10
-
9.75
10.0
10.25
KIA278R12
-
11.70
12.0
12.30
KIA278R15
-
14.70
15.0
15.30
Load Regulation
Reg Load
IO=5mA 2A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
-
0.02
0.05
%/
Ripple Rejection
R
R
-
45
55
-
dB
Drop Out Voltage
VD
IO=2A
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA
Note1) VIN of KIA278R05=7V
Note2) VIN of KIA278R05=6 12V
Note3) At VIN=0.95VO
"
KIA278R06=8V
"
KIA278R06=7
15V
"
KIA278R08=10V
"
KIA278R08=9
25V
"
KIA278R09=15V
"
KIA278R09=10
25V
"
KIA278R10=16V
"
KIA278R10=11
26V
"
KIA278R12=18V
"
KIA278R12=13
29V
"
KIA278R15=21V
"
KIA278R15=16
32V
BLOCK DIAGRAM


유사한 부품 번호 - KIA278R10PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA278R10PI KEC-KIA278R10PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
More results

유사한 설명 - KIA278R10PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com