전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA1117BPI00 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIA1117BPI00
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BPI00 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIA1117BPI00 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BPI00 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BPI00 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BPI00 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BPI00 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015. 7. 07
3/5
Revision No : 2
KIA1117BS/BF/BPI00 ~ KIA1117BS/BF/BPI50
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
VOUT=VREF× (1+R2/R1) + IADJ×R2
* Note 1) MLCC, Tantalum, Low ESR Electrolytic Capacitors
are suitable in ESR range for stability (1m~200
Ω)
** Note 2) When R1 is much larger than 124
Ω, apply 8~10mA
to Vout-GND by setting an additional dummy resistor for
stability of Vout under no load condition


유사한 부품 번호 - KIA1117BPI00

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA1117BS KEC-KIA1117BS Datasheet
946Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BS-BF-BPI00 KEC-KIA1117BS-BF-BPI00 Datasheet
762Kb / 5P
   SEMICONDUCTOR
KIA1117BS-BF00 KEC-KIA1117BS-BF00 Datasheet
96Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BS/BF/BPI00 KEC-KIA1117BS/BF/BPI00 Datasheet
946Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BS/BF/BPI00 KEC-KIA1117BS/BF/BPI00 Datasheet
762Kb / 5P
   SEMICONDUCTOR
More results

유사한 설명 - KIA1117BPI00

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com