전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA7434P 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIA7434P
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7434P 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIA7434P Datasheet HTML 1Page - KEC(Korea Electronics) KIA7434P Datasheet HTML 2Page - KEC(Korea Electronics) KIA7434P Datasheet HTML 3Page - KEC(Korea Electronics) KIA7434P Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1999. 11. 25
2/4
KIA7419P/F~KIA7445P/F
Revision No : 2
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CIR.
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detecting Voltage
VS
1
RL=4.7kΩ
VOH≧VOL-0.4
KIA7419P/F
KIA7421P/F
KIA7423P/F
KIA7425P/F
KIA7427P/F
KIA7429P/F
KIA7431P/F
KIA7432P/F
KIA7433P/F
KIA7434P/F
KIA7435P/F
KIA7436P/F
KIA7439P/F
KIA7442P/F
KIA7445P/F
1.75
1.95
2.15
2.35
2.55
2.75
2.95
3.05
3.15
3.25
3.35
3.45
3.70
4.00
4.30
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.2
3.3
3.4
3.5
3.6
3.9
4.2
4.5
2.05
2.25
2.45
2.65
2.85
3.05
3.25
3.35
3.45
3.55
3.65
3.75
4.10
4.40
4.70
V
Low-Level Output Voltage
VOL
1
RL=4.7kΩ
VCC -0.4
--
V
Output Leakage Current
IOL
1
VCC=7.5V
-
-
0.1
μA
Hysterisis Voltage
Vs
1
RL=4.7kΩ
KIA7419P/F
20
50
100
mV
KIA7421P/F
KIA7423P/F
30
50
100
Detecting Voltage
Temperature Coefficient
Vs/
ΔT
1
RL=4.7kΩ
-
±0.01
-
%/
Circuit Current at on Time
IccH
1
VCC=Vsmin -0.05V
-
300
500
μA
Circuit Current at off Time
IccL
1
VCC=5.25V
KIA7419P/F
-30
70
μA
KIA7421P/F
KIA7423P/F
-30
50
Threshold Operating Voltage
Vopr
1
RL=4.7kΩ, VOH≧VCC-0.4
-
0.8
-
V
"L" Transmission DELAY Time
tpHL
2
RL=4.7kΩ, CL=100pF
-10-
μs
"H" Transmission DELAY Time
tpLH
2
RL=4.7kΩ, CL=100pF
-10-
μs
Output Current
IOH
1
VCC=Vsmin -0.05V,
RL=0Ω, Tc=25℃
-2.0
-5.0
-
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3
~+7.5
V
Power Dissipation
(Package Limitation)
KIA7419P
~45P
PD
400
mW
KIA7419P
~45F
500
Operating Temperature
Topr
-30
~+75
Storage Temperature
Tstg
-55
~150
Type No.
Marking
Type No.
Marking
KIA7419F
4A
KIA7433F
4J
KIA7421F
4B
KIA7434F
4K
KIA7423F
4C
KIA7435F
4L
KIA7425F
4D
KIA7436F
4M
KIA7427F
4E
KIA7439F
4N
KIA7429F
4F
KIA7442F
4P
KIA7431F
4G
KIA7445F
4R
KIA7432F
4H
Marking


유사한 부품 번호 - KIA7434P

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA7434P KEC-KIA7434P Datasheet
352Kb / 4P
   VOLTAGE DETECTOR
More results

유사한 설명 - KIA7434P

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com