전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC7133M 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIC7133M
상세설명  Analog CMOS Integrated Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7133M 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIC7133M Datasheet HTML 1Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 2Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 3Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 4Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 5Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 6Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 7Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2014. 3. 05
3/8
KIC7108~7160M/T5/P
Revision No : 2
Line-up
Detection
voltage
SOT-23 / TSV
TO-92
Detection
voltage
SOT-23 / TSV
TO-92
Item
Marking
Item
Marking
Item
Marking
Item
Marking
0.8V
KIC7108M/T5
108
KIC7108P
KIC7108
3.5V
KIC7135M/T5
135
KIC7135P
KIC7135
0.9V
KIC7109M/T5
109
KIC7109P
KIC7109
3.6V
KIC7136M/T5
136
KIC7136P
KIC7136
1.0V
KIC7110M/T5
110
KIC7110P
KIC7110
3.7V
KIC7137M/T5
137
KIC7137P
KIC7137
1.1V
KIC7111M/T5
111
KIC7111P
KIC7111
3.8V
KIC7138M/T5
138
KIC7138P
KIC7138
1.2V
KIC7112M/T5
112
KIC7112P
KIC7112
3.9V
KIC7139M/T5
139
KIC7139P
KIC7139
1.3V
KIC7113M/T5
113
KIC7113P
KIC7113
4.0V
KIC7140M/T5
140
KIC7140P
KIC7140
1.4V
KIC7114M/T5
114
KIC7114P
KIC7114
4.1V
KIC7141M/T5
141
KIC7141P
KIC7141
1.5V
KIC7115M/T5
115
KIC7115P
KIC7115
4.2V
KIC7142M/T5
142
KIC7142P
KIC7142
1.6V
KIC7116M/T5
116
KIC7116P
KIC7116
4.3V
KIC7143M/T5
143
KIC7143P
KIC7143
1.7V
KIC7117M/T5
117
KIC7117P
KIC7117
4.4V
KIC7144M/T5
144
KIC7144P
KIC7144
1.8V
KIC7118M/T5
118
KIC7118P
KIC7118
4.5V
KIC7145M/T5
145
KIC7145P
KIC7145
1.9V
KIC7119M/T5
119
KIC7119P
KIC7119
4.6V
KIC7146M/T5
146
KIC7146P
KIC7146
2.0V
KIC7120M/T5
120
KIC7120P
KIC7120
4.7V
KIC7147M/T5
147
KIC7147P
KIC7147
2.1V
KIC7121M/T5
121
KIC7121P
KIC7121
4.8V
KIC7148M/T5
148
KIC7148P
KIC7148
2.2V
KIC7122M/T5
122
KIC7122P
KIC7122
4.9V
KIC7149M/T5
149
KIC7149P
KIC7149
2.3V
KIC7123M/T5
123
KIC7123P
KIC7123
5.0V
KIC7150M/T5
150
KIC7150P
KIC7150
2.4V
KIC7124M/T5
124
KIC7124P
KIC7124
5.1V
KIC7151M/T5
151
KIC7151P
KIC7151
2.5V
KIC7125M/T5
125
KIC7125P
KIC7125
5.2V
KIC7152M/T5
152
KIC7152P
KIC7152
2.6V
KIC7126M/T5
126
KIC7126P
KIC7126
5.3V
KIC7153M/T5
153
KIC7153P
KIC7153
2.7V
KIC7127M/T5
127
KIC7127P
KIC7127
5.4V
KIC7154M/T5
154
KIC7154P
KIC7154
2.8V
KIC7128M/T5
128
KIC7128P
KIC7128
5.5V
KIC7155M/T5
155
KIC7155P
KIC7155
2.9V
KIC7129M/T5
129
KIC7129P
KIC7129
5.6V
KIC7156M/T5
156
KIC7156P
KIC7156
3.0V
KIC7130M/T5
130
KIC7130P
KIC7130
5.7V
KIC7157M/T5
157
KIC7157P
KIC7157
3.1V
KIC7131M/T5
131
KIC7131P
KIC7131
5.8V
KIC7158M/T5
158
KIC7158P
KIC7158
3.2V
KIC7132M/T5
132
KIC7132P
KIC7132
5.9V
KIC7159M/T5
159
KIC7159P
KIC7159
3.3V
KIC7133M/T5
133
KIC7133P
KIC7133
6.0V
KIC7160M/T5
160
KIC7160P
KIC7160
3.4V
KIC7134M/T5
134
KIC7134P
KIC7134


유사한 부품 번호 - KIC7133M

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
More results

유사한 설명 - KIC7133M

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com