전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308_15 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1308_15
상세내용  Class-AB stereo headphone driver
PDF  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
TDA1308
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 14 March 2011
5 of 17
NXP Semiconductors
TDA1308
Class-AB stereo headphone driver
10. Characteristics
[1]
Values are proportional to VDD; THD+N < 0.1 %.
[2]
VDD =5V; Vo(p-p) = 3.5 V (at 0 dB).
Table 6.
Characteristics
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
single supply
3.0
5.0
7.0
V
dual supply
1.5
2.5
3.5
V
VSS
negative supply voltage
dual supply
−1.5
−2.5
−3.5
V
IDD
supply current
no load
-
3
5
mA
Ptot
total power dissipation
no load
-
15
25
mW
Static characteristics
|V
I(offset)|
input offset voltage
-
10
-
mV
IIB
input bias current
-
10
-
pA
Vcm
common-mode voltage
0
-
3.5
pA
Gv(ol)
open-loop voltage gain
RL =5kΩ
-70
-
dB
IO
output current
maximum
-
60
-
mA
Ro
output resistance
THD+N < 0.1 %
-
0.25
-
Ω
ΔV
O
output voltage variation
[1] 0.75
-
4.25
V
RL =16 Ω
[1] 1.5-
3.5V
RL =5kΩ
[1] 0.1-
4.9V
α
cs
channel separation
-
70
-
dB
RL =5kΩ
[1] -105
-dB
PSRR
power supply ripple rejection fi =100 Hz; Vripple(p-p) = 100 mV
-
90
-
dB
CL
load capacitance
-
-
200
pF
Dynamic characteristics
THD+N
total harmonic
distortion-plus-noise
[2] -
0.03
0.06
%
[2] -
−70
−65
dB
RL =5kΩ
[2] -
−101
-
dB
RL =5kΩ
[2] -0.0009
-
%
S/N
signal-to-noise ratio
100
110
-
dB
f1
unity gain frequency
open-loop; RL =5kΩ
-5.5
-MHz
Po
output power
maximum; THD+N < 0.1 %
-
40
80
mW
Ci
input capacitance
-
3
-
pF
SR
slew rate
unity gain inverting
-
5
-
V/
μs
B
bandwidth
unity gain inverting
-
20
-
kHz




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl