전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1566 데이터시트(PDF) 26 Page - NXP Semiconductors

부품명 TDA1566
상세설명  I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1566 데이터시트(HTML) 26 Page - NXP Semiconductors

Back Button TDA1566_15 Datasheet HTML 22Page - NXP Semiconductors TDA1566_15 Datasheet HTML 23Page - NXP Semiconductors TDA1566_15 Datasheet HTML 24Page - NXP Semiconductors TDA1566_15 Datasheet HTML 25Page - NXP Semiconductors TDA1566_15 Datasheet HTML 26Page - NXP Semiconductors TDA1566_15 Datasheet HTML 27Page - NXP Semiconductors TDA1566_15 Datasheet HTML 28Page - NXP Semiconductors TDA1566_15 Datasheet HTML 29Page - NXP Semiconductors TDA1566_15 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
26 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
Amplifier
Po
output power
RL =4 Ω; VP = 14.4 V;
THD = 0.5 %
-23
-
W
RL =4 Ω; VP = 14.4 V;
THD = 3 %
-24
-
W
RL =4 Ω; VP = 14.4 V;
THD =10%
24
29
-
W
RL =4 Ω; VP = 14.4 V
maximum power; Vi =2 V
(RMS) square wave
40
45
-
W
RL =4 Ω; VP = 15.2 V
maximum power; Vi =2 V
(RMS) square wave
45
50
-
W
RL =2 Ω; VP = 14.4 V;
THD = 0.5 %
-38
-
W
RL =2 Ω; VP = 14.4 V;
THD = 3 %
-41
-
W
RL =2 Ω; VP = 14.4 V;
THD =10%
39
50
-
W
RL =2 Ω; VP = 14.4 V
maximum power; Vi =2 V
(RMS) square wave
67
75
-
W
RL =1 Ω; VP = 14.4 V;
THD = 0.5 %
-74
-
W
RL =1 Ω; VP = 14.4 V;
THD = 3 %
-81
-
W
RL =1 Ω; VP = 14.4 V;
THD =10%
78
92
-
W
RL =1 Ω; VP = 14.4 V
maximum power; Vi =2 V
(RMS) square wave
130
150
-
W
THD
total harmonic
distortion
Po = 1 W to 12 W; f = 1 kHz;
RL =4 Ω
-
0.005
0.1
%
Po = 1 W to 12 W; f = 1 kHz;
RL =2 Ω
-
0.01
0.2
%
Po = 1 W to 12 W; f = 1 kHz;
RL =1 Ω
-
0.02
%
Po = 1 W to 12 W; f = 10 kHz;
measured with 30 kHz filter;
RL =4 Ω
-
0.1
0.3
%
Po = 1 W to 12 W; f = 10 kHz;
measured with 30 kHz filter;
RL =2 Ω
-
0.2
0.6
%
line driver mode; Vo =1 V
(RMS) and 5 V (RMS);
f = 20 Hz to 20 kHz;
RL = 400 Ω
-
0.02
0.1
%
Table 23.
Characteristics …continued
Refer to test circuit (see Figure 22); VP = 14.4 V; RL = 4 Ω; −40 °C < Tamb < +85 °C and −40 °C < Tj < +150 °C; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - TDA1566_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1566J NXP-TDA1566J Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566TH NXP-TDA1566TH Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
More results

유사한 설명 - TDA1566_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com