전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS70SB20 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 1PS70SB20
상세설명  Schottky barrier single diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB20 데이터시트(HTML) 3 Page - NXP Semiconductors

  1PS70SB20_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
1PS70SB20
Schottky barrier single diode
1PS70SB20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
17 December 2012
3 / 9
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 500 mA; Tamb = 25 °C
-
-
550
mV
VR = 35 V; Tamb = 25 °C
-
-
100
µA
IR
reverse current
VR = 35 V; pulsed; tp = 300 µs;
δ = 0.02 ; Tj = 100 °C
-
-
10
mA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tamb = 25 °C
60
-
90
pF
mbk578
VF (mV)
IF
(mA)
150
250
350
450
550
103
102
10
10- 1
1
(1)
(2)
(3)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
006aac893
10-2
10-1
1
10
IR
(mA)
10-3
VR (V)
0
40
30
10
20
(1)
(2)
(3)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values


유사한 부품 번호 - 1PS70SB20_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS70SB20 PHILIPS-1PS70SB20 Datasheet
55Kb / 8P
   Schottky barrier diode
2001 Mar 16
logo
Guangdong Kexin Industr...
1PS70SB20 KEXIN-1PS70SB20 Datasheet
47Kb / 1P
   Schottky barrier diode
logo
Nexperia B.V. All right...
1PS70SB20 NEXPERIA-1PS70SB20 Datasheet
2Mb / 9P
   Schottky barrier single diode
17 December 2012
More results

유사한 설명 - 1PS70SB20_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com