전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS301 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 1PS301
상세설명  Dual high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS301 데이터시트(HTML) 5 Page - NXP Semiconductors

  1PS301_15 Datasheet HTML 1Page - NXP Semiconductors 1PS301_15 Datasheet HTML 2Page - NXP Semiconductors 1PS301_15 Datasheet HTML 3Page - NXP Semiconductors 1PS301_15 Datasheet HTML 4Page - NXP Semiconductors 1PS301_15 Datasheet HTML 5Page - NXP Semiconductors 1PS301_15 Datasheet HTML 6Page - NXP Semiconductors 1PS301_15 Datasheet HTML 7Page - NXP Semiconductors 1PS301_15 Datasheet HTML 8Page - NXP Semiconductors 1PS301_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1PS301
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 March 2012
5 of 11
NXP Semiconductors
1PS301
Dual high-speed switching diode
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
(1) IR =1mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle  =0.05
Oscilloscope: rise time tr =0.35ns
Fig 5.
Reverse recovery time test circuit and waveforms
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp  100 ns; duty cycle  0.005
Fig 6.
Forward recovery voltage test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 k
Ω
450
Ω
D.U.T.
mga882
VFR
t
output signal
V


유사한 부품 번호 - 1PS301_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
1PS301 NXP-1PS301 Datasheet
114Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Nexperia B.V. All right...
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
More results

유사한 설명 - 1PS301_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
   Dual high-speed switching diode
Rev. 6-23 July 2012
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
   Dual high-speed switching diode
Rev. 5-5 March 2012
logo
Nexperia B.V. All right...
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
   Dual high-speed switching diode
Rev. 6 - 23 July 2012
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
   High-speed dual switching diode
20 April 2023
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
   High-speed dual switching diode
20 April 2023
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
   DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
   Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com