전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP55LX 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BAP55LX
상세설명  Silicon PIN diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP55LX 데이터시트(HTML) 4 Page - NXP Semiconductors

  BAP55LX_15 Datasheet HTML 1Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 2Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 3Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 4Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 5Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 6Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 7Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 8Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BAP55LX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 6 August 2013
4 of 16
NXP Semiconductors
BAP55LX
Silicon PIN diode
VR =0 V; Tj =25 C.
Fig 2.
Diode capacitance as a function of frequency; typical values
f (MHz)
0
4000
3000
1000
2000
001aan470
0.2
0.3
0.1
0.4
0.5
Cd
(pF)
0
f=1MHz; Tj =25 C.
f = 100 MHz; Tj =25 C.
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values
Fig 4.
Forward resistance as a function of forward
current; typical values
VR (V)
020
15
510
001aag762
200
100
300
400
Cd
(fF)
0
If (mA)
10−1
102
10
1
001aag763
10
1
102
rD
(
Ω)
10−1


유사한 부품 번호 - BAP55LX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
More results

유사한 설명 - BAP55LX_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com