전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP55LX 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BAP55LX
상세설명  Silicon PIN diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP55LX 데이터시트(HTML) 3 Page - NXP Semiconductors

  BAP55LX_15 Datasheet HTML 1Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 2Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 3Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 4Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 5Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 6Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 7Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 8Page - NXP Semiconductors BAP55LX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BAP55LX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 6 August 2013
3 of 16
NXP Semiconductors
BAP55LX
Silicon PIN diode
7.
Characteristics
Table 6.
Characteristics
Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 20 V
-
-
10
nA
VR =50V
-
-
100
nA
Cd
diode capacitance
see Figure 3; f = 1 MHz;
VR = 0 V
-
0.28
-
pF
VR = 1 V
-
0.23
-
pF
VR =20V
-
0.18
0.28
pF
rD
diode forward resistance
see Figure 4; f = 100 MHz;
IF = 0.5 mA
-
3.3
4.5
IF =1mA
-
2.2
3.3
IF =10mA
-
0.8
1.2
IF = 100 mA
-
0.5
0.8
ISL
isolation
see Figure 5;VR =0 V;
f = 900 MHz
-
19
-
dB
f = 1800 MHz
-
14
-
dB
f = 2450 MHz
-
12
-
dB
Lins
insertion loss
see Figure 6;IF =0.5 mA;
f = 900 MHz
-
0.24
-
dB
f = 1800 MHz
-
0.25
-
dB
f = 2450 MHz
-
0.26
-
dB
Lins
insertion loss
see Figure 6;IF =1mA;
f = 900 MHz
-
0.17
-
dB
f = 1800 MHz
-
0.18
-
dB
f = 2450 MHz
-
0.19
-
dB
Lins
insertion loss
see Figure 6;IF =10mA;
f = 900 MHz
-
0.08
-
dB
f = 1800 MHz
-
0.09
-
dB
f = 2450 MHz
-
0.10
-
dB
Lins
insertion loss
see Figure 6;IF = 100 mA;
f = 900 MHz
-
0.05
-
dB
f = 1800 MHz
-
0.07
-
dB
f = 2450 MHz
-
0.08
-
dB
L
charge carrier life time
when switched from IF =10mA to
IR =6mA; RL = 100 ; measured at
IR =3mA
0.225
0.27
-
s
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.4
-
nH


유사한 부품 번호 - BAP55LX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
More results

유사한 설명 - BAP55LX_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com