전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31389_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
36
37
38
39
40
41
42
43
44
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
19.0
19.5
20.0
20.5
21.0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
20.0
20.5
21.0
21.5
22.0
22.5
23.0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-29.5
-29.0
-28.5
-28.0
-27.5
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-20
-15
-10
-5
0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
MGA-31389 Application Circuit Data for 1500MHz
Tc = 25° C, Vd = 5.0 V, Id = 73 mA
Figure 25. OIP3 vs Frequency and Temperature
Figure 26. P1dB vs Frequency and Temperature
Figure 27. Gain vs Frequency and Temperature
Figure 28. IRL vs Frequency and Temperature
Figure 29. ORL vs Frequency and Temperature
Figure 30. Isolation vs Frequency and Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn