전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
MGA-31389 K-Factor (1)
Tc = 25° C, Vd = 5.0 V, Id = 73 mA, Zo = 50 Ω
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
K Factor
MGA-31389 Typical Noise Parameters (1)
Tc = 25° C, Vd = 5.0 V, Id = 73 mA, Zo = 50 Ω
Freq
(GHz)
Fmin
(dB)
Γopt
Mag
Γopt
Ang
Rn/Z0
Ga
(dB)
0.5
2.08
0.204
4.8
0.34
22.11
0.8
1.85
0.247
20.6
0.33
21.73
0.9
1.71
0.312
6.2
0.36
21.44
1
1.75
0.309
18.7
0.36
21.38
1.5
1.90
0.264
20.6
0.31
21.06
2
2.24
0.254
90.3
0.28
20.27
2.5
2.35
0.470
118.8
0.28
18.99
3
2.88
0.601
157.6
0.13
16.91
3.5
3.53
0.714
-173.1
0.08
14.77
4
5.03
0.769
-148.1
0.49
12.19
4.5
7.91
0.855
-124.3
3.88
10.11
5
7.65
0.883
-103.0
7.78
7.38
5.5
8.82
0.868
-80.5
18.35
4.51
6
10.27
0.929
-56.6
41.09
2.21
Note:
1. Measurements are made using 10 mils Rogers RO4350 TRL Board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn