전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-2586EN - November 11, 2013
Reel Dimensions – 13” Reel
Ø
20.2
M IN
2.0 ± 0.5
Ø
13.0 +0.5
-0.2
102.0
REF
330.0
REF
8.4
(MEASURED AT HUB)
(MEASURED AT HUB)
"A"
ATTENTION
Electrostatic Sensitive Devices
Safe Handling Required
MINNEAPOLIS USA
U.S PAT 4726534
R
LOKREEL R
11.1 MAX.
Detail "A"
Detail "B"
PS
6
6
PS
1.5
88 REF
96.5
+0.3
- 0.2
Dimensions in mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn