전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MGA-31389 Absolute Maximum Rating (1) TA=25° C
Symbol
Parameter
Units
Absolute Max.
Vd, max
Drain Voltage, RF output to ground
V
5.5
Pd
Power Dissipation (2)
mW
605
Pin
CW RF Input Power
dBm
20
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance (3)
(Vd = 5.0 V, Tc= 85° C), θjc = 60.0° C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Source lead temperature is 25° C. Derate 16.7
mW/° C for TL>128.0° C.
3. Thermal resistance measured using 150° C
Infra-Red Microscopy Technique.
MGA-31389 Electrical Specification (1)
TC = 25° C, Vd = 5 V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Ids
Quiescent Current
N/A
mA
62
73
90
NF
Noise Figure
0.45 GHz
0.9 GHz
1.5 GHz
dB
2.3
2.0
2.0
2.5
Gain
Gain
0.45 GHz
0.9 GHz
1.5 GHz
dB
20
21.5
21.3
20.6
23
OIP3 (2)
Output Third Order Intercept Point
0.45 GHz (2)
0.9 GHz (2)
1.5 GHz (2)
dBm
36.3
38.6
38.6
41.3
P1dB
Output Power at 1 dB Gain Compression
0.45 GHz
0.9 GHz
1.5 GHz
dBm
20.6
22.0
22.2
21.7
PAE
Power Added Efficiency at P1dB
0.45 GHz
0.9 GHz
1.5 GHz
%
41.0
41.2
38.4
IRL
Input Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
24.3
30.5
15.3
ORL
Output Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
11.4
14.7
12.1
ISOL
Isolation
0.45 GHz
0.9 GHz
1.5 GHz
dB
27.2
27.6
28.6
Note :
1. Measurements obtained from a test circuit described in Figure 34
2. OIP3 test condition: F1 - F2 = 10 MHz, with input power of -14 dBm per tone measured at worst case side band.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn