전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
MGA-31389 Consistency Distribution Chart (1,2)
Notes:
1. Data sample size is 3000 samples taken from 3 different wafers and 2 different lots. Future wafers allocated to this product may have nominal
values anywhere between the upper and lower limits.
2. Measurements are made on production test board which represents a trade-off between optimal Gain, NF, OIP3 and OP1dB. Circuit losses have
been de-embedded from actual measurements.
70
80
1.7
1.8
1.8
2.1
2.2
2
2.3
20.8
21 21.1
21.7
21.3
21.5
21.9
22.1
22
38
39
40
41
21
22
23
Figure 2. Id @ 900MHz, Vd=5V, LSL=62mA, Nominal=76mA, USL=90mA
Figure 3. NF @ 900MHz, Vd=5V, Nominal=2.0dB, USL=2.5dB
Figure 4. Gain @ 900MHz, Vd=5V, LSL=20dB, Nominal=21.5dB, USL=23dB
Figure 5. OIP3 @ 900MHz, Vd=5V, LSL=36.3dBm, Nominal=39.3dBm
Figure 6. P1dB @ 900MHz, Vd=5V, LSL= 20.6dBm, Nominal=22.2dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn