전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MGA-31389 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-31389
부품 상세설명  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
MGA-31389 Application Circuit Data for 450 MHz (cont'd)
Tc = 25° C, Vd = 5.0 V, Id = 73 mA
Figure 13. Noise Figure vs Frequency and Temperature
Figure 14. OIP3 vs Input Power and Temperature
Figure 15. Current vs Voltage and Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
150
250
350
450
550
650
750
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
110
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Voltage (Volt)
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
-20 -19 -18 -17 -16 -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5
Pin (dBm)
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn