전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP142LX 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BAP142LX
상세설명  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP142LX 데이터시트(HTML) 1 Page - NXP Semiconductors

  BAP142LX_15 Datasheet HTML 1Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 2Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 3Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 4Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 5Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 6Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 7Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 8Page - NXP Semiconductors BAP142LX_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Planar PIN diode in a SOD882D leadless ultra small plastic SMD package.
1.2 Features and benefits
High voltage, current controlled RF resistor
Low diode capacitance
Low losses at very low currents
Very low series inductance
For applications up to 3 GHz
1.3 Applications
RF attenuators and switches
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BAP142LX
Silicon PIN diode
Rev. 2 — 6 August 2013
Product data sheet
Table 1.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
Transparent
top view
2
1
sym006
Table 2.
Ordering information
Type number Package
Name
Description
Version
BAP142LX
DFN1006D-2
leadless ultra small plastic package; 2 terminals;
body 1
 0.6  0.4 mm
SOD882D


유사한 부품 번호 - BAP142LX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP142LX NXP-BAP142LX Datasheet
66Kb / 8P
   Silicon PIN diode
Rev. 01-30 July 2007
BAP142LX NXP-BAP142LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - BAP142LX_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com