전자부품 데이터시트 검색엔진 |
|
IRL1404SPBF 데이터시트(PDF) 2 Page - International Rectifier |
|
IRL1404SPBF 데이터시트(HTML) 2 Page - International Rectifier |
2 / 11 page IRL1404S/LPbF 2 www.irf.com Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 40 ––– ––– V VGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.038 ––– V/°C Reference to 25°C, D = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– ––– 0.004 Ω VGS = 10V, ID = 95A 0.0059 VGS = 4.3V, ID = 40A VGS(th) Gate Threshold Voltage 1.0 ––– 3.0 V VDS = VGS, ID = 250µA gfs Forward Transconductance 93 ––– ––– S VDS = 25V, ID = 95A ––– ––– 20 µA VDS = 40V, VGS = 0V ––– ––– 250 VDS = 32V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 200 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -200 nA VGS = -20V Qg Total Gate Charge ––– ––– 140 ID = 95A Qgs Gate-to-Source Charge ––– ––– 48 nC VDS = 32V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 60 VGS = 5.0V, See Fig. 6 td(on) Turn-On Delay Time ––– 18 ––– VDD = 20V tr Rise Time ––– 270 ––– ID = 95A td(off) Turn-Off Delay Time ––– 38 ––– RG = 2.5Ω VGS = 4.5V tf Fall Time ––– 130 ––– RD = 0.25Ω Between lead, ––– ––– 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 6600 ––– VGS = 0V Coss Output Capacitance ––– 1700 ––– pF VDS = 25V Crss Reverse Transfer Capacitance ––– 350 ––– ƒ = 1.0MHz, See Fig. 5 Coss Output Capacitance ––– 6700 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 1500 ––– VGS = 0V, VDS = 32V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance ––– 1500 ––– VGS = 0V, VDS = 0V to 32V nH Electrical Characteristics @ TJ = 25°C (unless otherwise specified) LD Internal Drain Inductance LS Internal Source Inductance ––– ––– S D G IGSS ns 4.5 7.5 IDSS Drain-to-Source Leakage Current S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 95A, VGS = 0V trr Reverse Recovery Time ––– 63 94 ns TJ = 25°C, IF = 95A Qrr Reverse RecoveryCharge ––– 170 250 nC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics 160 640 A |
유사한 부품 번호 - IRL1404SPBF_15 |
|
유사한 설명 - IRL1404SPBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |