전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CM 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAT54CM
상세설명  Schottky barrier double diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54CM 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAT54CM_15 Datasheet HTML 1Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 2Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 3Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 4Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 5Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 6Page - NXP Semiconductors BAT54CM_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2003 Nov 11
2
NXP Semiconductors
Product data sheet
Schottky barrier double diode
BAT54CM
FEATURES
• Low forward voltage
• Leadless ultra small plastic package
(1.0
× 0.6 × 0.5 mm)
• Boardspace 1.17 mm2 (approx. 10% of SOT23)
• Power dissipation comparable to SOT23.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Mobile communications, digital (still) cameras, PDAs
and PCMCIA cards.
DESCRIPTION
Planar Schottky barrier double diode encapsulated in a
SOT883 leadless ultra small plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BAT54CM
S3
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
MLE232
1
2
3
Bottom view
Top view
cathode mark
2
1
3
Fig.1
Simplified outline (SOT883) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BAT54CM
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883


유사한 부품 번호 - BAT54CM_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT54CM PHILIPS-BAT54CM Datasheet
50Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
logo
Galaxy Semi-Conductor H...
BAT54CM BILIN-BAT54CM Datasheet
191Kb / 3P
   Surface Mount Schottky Barrier diode
logo
Micro Commercial Compon...
BAT54CM MCC-BAT54CM Datasheet
462Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
BAT54CM JIANGSU-BAT54CM Datasheet
1Mb / 4P
   SCHOTTKY BARRIER DIODE
More results

유사한 설명 - BAT54CM_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com