전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CV 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BAT54CV
상세설명  Two Schottky barrier double diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54CV 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button BAT54CV_15 Datasheet HTML 2Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 3Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 4Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 5Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 6Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 7Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 8Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 9Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BAT54CV
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 15 November 2010
6 of 10
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
4000
BAT54CV
SOT666
4 mm pitch, 8 mm tape and reel
-115
Reflow soldering is the only recommended soldering method.
Fig 5.
Reflow soldering footprint BAT54CV (SOT666)
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6
×)
0.55
(2
×)
0.25
(2
×)
0.6
(2
×)
0.65
(2
×)
0.3
(2
×)
0.325
(4
×)
0.45
(4
×)
0.5
(4
×)
0.375
(4
×)
1.7
2
1.7
1.075
0.538
Dimensions in mm


유사한 부품 번호 - BAT54CV_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT54CV NXP-BAT54CV Datasheet
103Kb / 9P
   Two Schottky barrier double diodes in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Rectron Semiconductor
BAT54CV RECTRON-BAT54CV Datasheet
633Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
More results

유사한 설명 - BAT54CV_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com