전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT74S 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BAT74S
상세설명  Dual Schottky barrier diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT74S 데이터시트(HTML) 5 Page - NXP Semiconductors

  BAT74S_15 Datasheet HTML 1Page - NXP Semiconductors BAT74S_15 Datasheet HTML 2Page - NXP Semiconductors BAT74S_15 Datasheet HTML 3Page - NXP Semiconductors BAT74S_15 Datasheet HTML 4Page - NXP Semiconductors BAT74S_15 Datasheet HTML 5Page - NXP Semiconductors BAT74S_15 Datasheet HTML 6Page - NXP Semiconductors BAT74S_15 Datasheet HTML 7Page - NXP Semiconductors BAT74S_15 Datasheet HTML 8Page - NXP Semiconductors BAT74S_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NXP Semiconductors
BAT74S
Dual Schottky barrier diode
BAT74S
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
22 November 2012
5 / 10
006aac891
VR (V)
0
30
20
10
4
6
2
8
10
Cd
(pF)
0
Tamb = 25 °C; f = 1 MHz
Fig. 4. Diode capacitance as a function of reverse voltage; typical values
8. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Fig. 5. Reverse recovery time test circuit and waveforms
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.


유사한 부품 번호 - BAT74S_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
More results

유사한 설명 - BAT74S_15

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com