전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL7472L1PBF 데이터시트(PDF) 11 Page - International Rectifier

부품명 IRL7472L1PBF
상세설명  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL7472L1PBF 데이터시트(HTML) 11 Page - International Rectifier

Back Button IRL7472L1PBF_15 Datasheet HTML 3Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 4Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 5Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 6Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 7Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 8Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 9Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 10Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
IRL7472L1TRPbF
 
11
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
February 25, 2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Note: For the most current drawing please refer to IR webite at http://www.irf.com/package/
Qualification Information 
Qualification Level  
Industrial *
(per JEDEC JESD47F†† guidelines)
Moisture Sensitivity Level
DFET (L-CAN)
MSL1
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
† Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release.
* Industrial qualification standards except autoclave test conditions.
DirectFET® Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
4.69
0.154
0.623
0.291
0.283
0.390
0.059
0.059
MAX
12.10
4.10
16.30
7.60
7.40
10.10
N.C
1.60
MIN
11.90
3.90
15.90
7.40
7.20
9.90
1.50
1.50
METRIC
DIMENSIONS
MAX
0.476
0.161
0.642
0.299
0.291
0.398
N.C
0.063
+
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4000 parts. Order as IRF7472L1TRPBF).
MAX
N.C
N.C
0.520
N.C
3.940
0.880
0.720
0.760
IMPERIAL
MIN
330.00
20.20
12.80
1.50
99.00
N.C
16.40
15.90
STANDARD OPTION (QTY 4000)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.20
N.C
100.00
22.40
18.40
19.40
MIN
12.992
0.795
0.504
0.059
3.900
N.C
0.650
0.630
METRIC


유사한 부품 번호 - IRL7472L1PBF_15

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
More results

유사한 설명 - IRL7472L1PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com