전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL7486MPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRL7486MPBF
상세설명  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL7486MPBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRL7486MPBF_15 Datasheet HTML 3Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 4Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 5Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 6Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 7Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 8Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 9Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 10Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
 
IRL7486MTRPbF
 
7
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 14, 2015
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
Fig 18. Typical Recovery Current vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
Fig 20. Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
100
200
300
400
500
600
700
diF /dt (A/µs)
2
3
4
5
6
7
8
9
IF = 123A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
1
2
3
4
5
6
7
8
9
IF = 82A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
40
60
80
100
120
140
160
180
IF = 82A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
40
60
80
100
120
140
160
180
IF = 123A
VR = 34V
TJ = 25°C
TJ = 125°C


유사한 부품 번호 - IRL7486MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL7486MTRPBF IRF-IRL7486MTRPBF Datasheet
511Kb / 11P
   Brushed Motor drive applications
More results

유사한 설명 - IRL7486MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com