전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLB3813PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRLB3813PBF
상세설명  Optimized for UPS/Inverter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLB3813PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRLB3813PBF_15 Datasheet HTML 1Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 2Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 3Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 4Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 5Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 6Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 7Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 8Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLB3813PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS
TOP
10V
9.0V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM
3.0V
≤60µs PULSE WIDTH
Tj = 25°C
3.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
3.0V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
9.0V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM
3.0V
1
2
3
4
5
6
7
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 120A
VGS = 10V


유사한 부품 번호 - IRLB3813PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF Datasheet
248Kb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
More results

유사한 설명 - IRLB3813PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com