전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLHS6342PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLHS6342PBF
상세설명  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6342PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLHS6342PBF Datasheet HTML 1Page - International Rectifier IRLHS6342PBF Datasheet HTML 2Page - International Rectifier IRLHS6342PBF Datasheet HTML 3Page - International Rectifier IRLHS6342PBF Datasheet HTML 4Page - International Rectifier IRLHS6342PBF Datasheet HTML 5Page - International Rectifier IRLHS6342PBF Datasheet HTML 6Page - International Rectifier IRLHS6342PBF Datasheet HTML 7Page - International Rectifier IRLHS6342PBF Datasheet HTML 8Page - International Rectifier IRLHS6342PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 17, 2013
IRLHS6342PbF
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.39mH, RG = 50Ω, IAS = 8.5A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature.
‡ Package is limited to 12A by die-source to lead-frame bonding technology
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case g
–––
13
RθJC (Top)
Junction-to-Case
g
–––
90
°C/W
RθJA
Junction-to-Ambient f
–––
60
RθJA
Junction-to-Ambient (<10s)
f
–––
42
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
22
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12.0
15.5
–––
15.0
19.5
VGS(th)
Gate Threshold Voltage
0.5
–––
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-4.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
39
–––
–––
S
Qg
Total Gate Charge
–––
11
–––
VDS = 15V
Qgs
Gate-to-Source Charge
–––
0.5
–––
Qgd
Gate-to-Drain Charge
–––
4.6
–––
RG
Gate Resistance
–––
2.1
–––
Ω
td(on)
Turn-On Delay Time
–––
4.9
–––
tr
Rise Time
–––13–––
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––
13
–––
Ciss
Input Capacitance
–––
1019
–––
Coss
Output Capacitance
–––
97
–––
Crss
Reverse Transfer Capacitance
–––
70
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
13
20
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 10μA
VGS = 2.5V, ID = 8.5A e
Typ.
m
Ω
VDD = 15V, VGS = 4.5V
–––
RG=1.8
Ω
VDS = 10V, ID = 8.5A
VDS = 24V, VGS = 0V, TJ = 125°C
μA
ID = 8.5A (See Fig. 6 & 17)
ID = 8.5A
VGS = 0V
VDS = 25V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 8.5A, VDD = 15V
di/dt = 300 A/μs
TJ = 25°C, IS = 8.5A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
See Fig.18
Max.
14
8.5
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 8.5A e
–––
–––
76
–––
–––
12
i
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
–––
VGS = 12V
VGS = -12V


유사한 부품 번호 - IRLHS6342PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLHS6342PBF IRF-IRLHS6342PBF Datasheet
291Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLHS6342PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com