전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLI520NPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLI520NPBF
상세설명  ADVANCED PROCESS TECHNOLOGY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLI520NPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLI520NPBF Datasheet HTML 2Page - International Rectifier IRLI520NPBF Datasheet HTML 3Page - International Rectifier IRLI520NPBF Datasheet HTML 4Page - International Rectifier IRLI520NPBF Datasheet HTML 5Page - International Rectifier IRLI520NPBF Datasheet HTML 6Page - International Rectifier IRLI520NPBF Datasheet HTML 7Page - International Rectifier IRLI520NPBF Datasheet HTML 8Page - International Rectifier IRLI520NPBF Datasheet HTML 9Page - International Rectifier IRLI520NPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLI520NPbF
www.irf.com
9
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
TO-220 Full-Pak Part Marking Information
W IT H ASSE M B L Y
E XAMP L E : T H IS IS AN IR F I84 0G
L OT COD E 34 32
AS S E M B L E D ON W W 24 1999
IN T H E ASSE MB L Y L IN E "K "
PAR T N U M B E R
LOT COD E
ASSE MB L Y
IN T E R N AT ION AL
RE CT IF IE R
LOGO
3 4
3 2
924K
IR F I840G
DAT E CODE
Y E AR 9 = 19 99
W EEK 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/04


유사한 부품 번호 - IRLI520NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLI520NPBF IRF-IRLI520NPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLI520NPBF INFINEON-IRLI520NPBF Datasheet
617Kb / 9P
   Logic ?밚evel Gate Drive
2017-04-27
More results

유사한 설명 - IRLI520NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com