전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLI530NPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLI530NPBF
상세설명  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLI530NPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRLI530NPBF Datasheet HTML 1Page - International Rectifier IRLI530NPBF Datasheet HTML 2Page - International Rectifier IRLI530NPBF Datasheet HTML 3Page - International Rectifier IRLI530NPBF Datasheet HTML 4Page - International Rectifier IRLI530NPBF Datasheet HTML 5Page - International Rectifier IRLI530NPBF Datasheet HTML 6Page - International Rectifier IRLI530NPBF Datasheet HTML 7Page - International Rectifier IRLI530NPBF Datasheet HTML 8Page - International Rectifier IRLI530NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLI530NPbF
HEXFET® Power MOSFET
PD - 95635
S
D
G
VDSS = 100V
RDS(on) = 0.10Ω
ID = 12A
l
Logic-Level Gate Drive
l
Advanced Process Technology
l
Isolated Package
l
High Voltage Isolation = 2.5KVRMS …
l
Sink to Lead Creepage Dist. = 4.8mm
l
Fully Avalanche Rated
l
Lead-Free
TO-220 FULLPAK
07/23/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.7
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
8.6
A
IDM
Pulsed Drain Current †
60
PD @TC = 25°C
Power Dissipation
41
W
Linear Derating Factor
0.27
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy‚†
150
mJ
IAR
Avalanche Current†
9.0
A
EAR
Repetitive Avalanche Energy
4.1
mJ
dv/dt
Peak Diode Recovery dv/dt Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
°C/W
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial
applications. The moulding compound used provides
a high isolation capability and a low thermal resistance
between the tab and external heatsink. This isolation
is equivalent to using a 100 micron mica barrier with
standard TO-220 product. The Fullpak is mounted to
a heatsink using a single clip or by a single screw
fixing.
www.irf.com
1


유사한 부품 번호 - IRLI530NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLI530NPBF IRF-IRLI530NPBF Datasheet
225Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLI530NPBF VBSEMI-IRLI530NPBF Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

유사한 설명 - IRLI530NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com