전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC5B-600 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BYC5B-600
상세설명  Rectifier diode ultrafast, low switching loss
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC5B-600 데이터시트(HTML) 2 Page - NXP Semiconductors

  BYC5B-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC5B-600_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1;3 Semiconductors
Product specification
Rectifier diode
BYC5B-600
ultrafast, low switching loss
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Extremely fast switching
V
R = 600 V
• Low reverse recovery current
• Low thermal resistance
V
F
≤ 1.75 V
• Reduces switching losses in
associated MOSFET
I
F(AV) = 5 A
t
rr = 19 ns (typ)
APPLICATIONS
PINNING
SOT404
• Active power factor correction
PIN
DESCRIPTION
• Half-bridge lighting ballasts
• Half-bridge/ full-bridge switched
1
no connection
mode power supplies.
2
cathode
1
The BYC5B-600 is supplied in the
SOT404 surface mounting
3
anode
package.
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RRM
Peak repetitive reverse voltage
-
600
V
V
RWM
Crest working reverse voltage
-
600
V
V
R
Continuous reverse voltage
T
mb
≤ 110 ˚C
-
500
V
I
F(AV)
Average forward current
δ = 0.5; with reapplied V
RRM(max);-
5
A
T
mb
≤ 89 ˚C
I
FRM
Repetitive peak forward current
δ = 0.5; with reapplied V
RRM(max);
-
10
A
T
mb
≤ 89 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
40
A
current.
t = 8.3 ms
-
44
A
sinusoidal; T
j = 150˚C prior to surge
with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.5
K/W
mounting base
R
th j-a
Thermal resistance junction to
minimum footprint, FR4 board
-
50
-
K/W
ambient
k
a
tab
3
13
tab
2
1 it is not possible to make connection to pin 2 of the SOT404 package
March 2001
1
Rev 1.400


유사한 부품 번호 - BYC5B-600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC5B-600 PHILIPS-BYC5B-600 Datasheet
60Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC5B-600 PHILIPS-BYC5B-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
logo
WeEn Semiconductors
BYC5B-600 WEEN-BYC5B-600 Datasheet
451Kb / 8P
   Rectifier diode ultrafast, low switching loss
More results

유사한 설명 - BYC5B-600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC10B-600 WEEN-BYC10B-600 Datasheet
936Kb / 8P
   Rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC10-600 PHILIPS-BYC10-600 Datasheet
58Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com