전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX1497 데이터시트(PDF) 6 Page - Maxim Integrated Products

부품명 MAX1497
상세설명  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1497 데이터시트(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1497 Datasheet HTML 2Page - Maxim Integrated Products MAX1497 Datasheet HTML 3Page - Maxim Integrated Products MAX1497 Datasheet HTML 4Page - Maxim Integrated Products MAX1497 Datasheet HTML 5Page - Maxim Integrated Products MAX1497 Datasheet HTML 6Page - Maxim Integrated Products MAX1497 Datasheet HTML 7Page - Maxim Integrated Products MAX1497 Datasheet HTML 8Page - Maxim Integrated Products MAX1497 Datasheet HTML 9Page - Maxim Integrated Products MAX1497 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs with LED
Drivers and µC Interface
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Notes 11, 12, Figure 8)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference)
CREF+ = CREF- = 0.1µF, CVNEG = 0.1µF. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX.
Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Operating Frequency
fSCLK
0
4.2
MHz
SCLK Pulse-Width High
tCH
100
ns
SCLK Pulse-Width Low
tCL
100
ns
DIN to SCLK Setup
tDS
50
ns
DIN to SCLK Hold
tDH
0ns
CS Fall to SCLK Rise Setup
tCSS
50
ns
SCLK Rise to CS Rise Hold
tCSH
0ns
SCLK Fall to DOUT Valid
tDO
CLOAD = 50pF, Figures 13, 14
120
ns
CS Rise to DOUT Disable
tTR
CLOAD = 50pF, Figures 13, 14
120
ns
CS Fall to DOUT Enable
tDV
CLOAD = 50pF, Figures 13, 14
120
ns
Note 1: Integral nonlinearity is the deviation of the analog value at any code from its theoretical value after nulling the gain error and
offset error.
Note 2: Offset calibrated. See OFFSET_CAL1 and OFFSET_CAL2 (MAX1499 only) in the On-Chip Registers section.
Note 3: Offset nulled.
Note 4: Offset drift error is eliminated by recalibration at the new temperature.
Note 5: The input voltage range for the analog inputs is given with respect to the voltage on the negative input of the differential pair.
Note 6: VAIN+ or VAIN- = -2.2V to +2.2V. VREF+ or VREF- = -2.2V to +2.2V. All input structures are identical. Production tested on
AIN+ and REF+ only.
Note 7: Measured at DC by changing the power-supply voltage from 2.7V to 5.25V and measuring the effect on the conversion
error with external reference. PSRR at 50Hz and 60Hz exceeds 120dB with filter notches at 50Hz and 60Hz (Figure 2).
Note 8: CLK and SCLK are disabled.
Note 9: LED drivers are disabled.
Note 10: Power-supply currents are measured with all digital inputs at either GND, DVDD, or VDD and with the device in internal-clock mode.
Note 11: All input signals are specified with tRISE = tFALL = 5ns (10% to 90% of DVDD) and are timed from a voltage level of 50% of
DVDD, unless otherwise noted.
Note 12: See the serial-interface timing diagrams.


유사한 부품 번호 - MAX1497

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

유사한 설명 - MAX1497

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
   Digit and/or segment drivers
August 31, 1994
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com