전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2060PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLML2060PBF
상세설명  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLML2060PBF_15 Datasheet HTML 1Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2060PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML2060TRPbF
2
www.irf.com
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.06
–––
V/°C
–––
356
480
–––
475
640
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
–––
–––
20
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
7.5
–––
gfs
Forward Transconductance
1.6
–––
–––
S
Qg
Total Gate Charge
–––
0.67
–––
Qgs
Gate-to-Source Charge
–––
0.18
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
0.40
–––
td(on)
Turn-On Delay Time
–––
4.9
–––
tr
Rise Time
–––
3.8
–––
td(off)
Turn-Off Delay Time
–––
3.7
–––
tf
Fall Time
–––
2.8
–––
Ciss
Input Capacitance
–––
64
–––
Coss
Output Capacitance
–––
13
–––
Crss
Reverse Transfer Capacitance
–––
6.6
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
8.3
12
nC
di/dt = 100A/μs
d
VGS = 16V
VGS = -16V
TJ = 25°C, IS = 1.2A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = 25V, ID = 1.2A
ID = 1.2A
ID = 1.2A
TJ = 25°C, VR = 30V, IF=1.3A
MOSFET symbol
showing the
VDS = 30V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
RG = 6.8
VGS = 4.5V d
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5.0mA
VGS = 10V, ID = 1.2A d
VDS = VGS, ID = 25μA
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 4.5V, ID = 0.96A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
VDD = 30Vd
nA
nC
ns
pF
A
1.2
4.8
–––
–––
–––
–––


유사한 부품 번호 - IRLML2060PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
More results

유사한 설명 - IRLML2060PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com