전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2244PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRLML2244PBF
상세설명  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2244PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRLML2244PBF_15 Datasheet HTML 1Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLML2244TRPbF
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.3
0.5
0.7
0.9
1.1
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec
0
4
8
12
16
20
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -16V
VDS= -10V
ID= -4.3A


유사한 부품 번호 - IRLML2244PBF_15

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
IRLML2244 LEIDITECH-IRLML2244 Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
   System/Load Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
   System/Load Switch
logo
International Rectifier
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
logo
ZP Semiconductor
IRLML2244TRPBF ZPSEMI-IRLML2244TRPBF Datasheet
315Kb / 2P
   HEXFETPower MOSFET
More results

유사한 설명 - IRLML2244PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com