전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2502PBF-1 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRLML2502PBF-1
상세설명  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2502PBF-1 데이터시트(HTML) 6 Page - International Rectifier

  IRLML2502PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLML2502PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRLML2502PbF-1
6
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 28, 2014
Fig 12. On-Resistance Vs. Drain Current
Fig 11. On-Resistance Vs. Gate Voltage
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
VGS, Gate -to -Source Voltage ( V )
0.02
0.03
0.04
0.05
Id = 4.0A
0
1020
3040
iD , Drain Current ( A )
0.00
0.10
0.20
0.30
VGS = 4.5V
VGS = 2.5V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
0.7
0.9
1.1
1.3
ID = 50μA
ID = 250μA
Fig 13. Threshold Voltage Vs. Temperature


유사한 부품 번호 - IRLML2502PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2502PBF IRF-IRLML2502PBF Datasheet
180Kb / 9P
   HEXFET Power MOSFET
IRLML2502PBF IRF-IRLML2502PBF Datasheet
204Kb / 9P
   Ultra Low On-Resistance
IRLML2502PBF IRF-IRLML2502PBF_12 Datasheet
169Kb / 8P
   Ultra Low On-Resistance, N-Channel MOSFET, SOT-23 Footprint
IRLML2502PBF IRF-IRLML2502PBF_15 Datasheet
204Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRLML2502PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com