전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML6302PBF-1 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLML6302PBF-1
상세설명  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML6302PBF-1 데이터시트(HTML) 2 Page - International Rectifier

  IRLML6302PBF-1 Datasheet HTML 1Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 2Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 3Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 4Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 5Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 6Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 7Page - International Rectifier IRLML6302PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLML6302PbF-1
2
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 28, 2014
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– -4.9 ––– mV/°C Reference to 25°C, ID = -1mA
––– ––– 0.60
VGS = -4.5V, ID = -0.61A ƒ
––– ––– 0.90
VGS = -2.7V, ID = -0.31A ƒ
VGS(th)
Gate Threshold Voltage
-0.70 ––– -1.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.56 ––– –––
S
VDS = -10V, ID = -0.31A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 2.4
3.6
ID = -0.61A
Qgs
Gate-to-Source Charge
––– 0.56 0.84
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.0
1.5
VGS = -4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -10V
tr
Rise Time
–––
18
–––
ID = -0.61A
td(off)
Turn-Off Delay Time
–––
22
–––
RG = 6.2Ω
tf
Fall Time
–––
22
–––
RD = 16Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
–––
97
–––
VGS = 0V
Coss
Output Capacitance
–––
53
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
28
–––
ƒ = 1.0MHz, See Fig. 5
Ω
µA
nA
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(ON)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
 Repetitive rating; pulse width
limited by max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -0.61A, di/dt ≤ 76A/µs, VDD≤V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -0.61A, VGS = 0V
„
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 25°C, IF = -0.61A
Qrr
Reverse Recovery Charge
–––
26
39
nC
di/dt = -100A/μs
„
Source-Drain Ratings and Characteristics
A
S
D
G
––– ––– -4.9
––– ––– -0.54
ns


유사한 부품 번호 - IRLML6302PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML6302PBF IRF-IRLML6302PBF Datasheet
636Kb / 8P
   HEXFET Power MOSFET
IRLML6302PBF IRF-IRLML6302PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRLML6302PBF IRF-IRLML6302PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

유사한 설명 - IRLML6302PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com