전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC10-600P 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BYC10-600P
상세설명  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10-600P 데이터시트(HTML) 2 Page - NXP Semiconductors

  BYC10-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
BYC10-600P
Hyperfast power diode
BYC10-600P
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
10 February 2014
2 / 9
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
mb
mb
mounting base; connected to
cathode
mb
1
2
TO-220AC (SOD59)
A
001aaa020
K
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BYC10-600P
TO-220AC
plastic single-ended package; heatsink mounted; 1 mounting
hole; 2-lead TO-220AC
SOD59
7. Marking
Table 4.
Marking codes
Type number
Marking code
BYC10-600P
BYC10-600P
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
600
V
VRWM
crest working reverse voltage
-
600
V
VR
reverse voltage
DC
-
600
V
IF(AV)
average forward current
δ = 0.5; Tmb ≤ 127 °C; square-wave
pulse; Fig. 1; Fig. 2; Fig. 3
-
10
A
IFRM
repetitive peak forward current δ = 0.5; tp = 25 µs; Tmb ≤ 127 °C;
square-wave pulse
-
20
A


유사한 부품 번호 - BYC10-600P_15

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
BYC10-600P WEEN-BYC10-600P Datasheet
436Kb / 10P
   Hyperfast power diode
More results

유사한 설명 - BYC10-600P_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com