전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC30X-600P 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BYC30X-600P
상세설명  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC30X-600P 데이터시트(HTML) 5 Page - NXP Semiconductors

  BYC30X-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NXP Semiconductors
BYC30X-600P
Hyperfast power diode
BYC30X-600P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
4 February 2013
5 / 9
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 30 A; Tj = 150 °C; Fig. 6
-
1.38
1.8
V
VR = 600 V; Tj = 25 °C
-
-
10
µA
IR
reverse current
VR = 600 V; Tj = 150 °C
-
-
600
µA
Dynamic characteristics
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 25 °C; Fig. 7
-
50
-
nC
Qr
recovered charge
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 125 °C; Fig. 7
-
280
-
nC
IF = 1 A; VR = 30 V; dIF/dt = 50 A/µs;
Tj = 25 °C; Fig. 7
-
-
35
ns
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 25 °C; Fig. 7
-
-
35
ns
trr
reverse recovery time
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 125 °C; Fig. 7
-
70
-
ns
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 25 °C; Fig. 7
-
3.5
-
A
IRM
peak reverse recovery
current
IF = 30 A; VR = 200 V; dIF/dt = 200 A/
µs; Tj = 125 °C; Fig. 7
-
7.6
-
A
003aak742
VF (V)
0
3
2
1
20
10
30
40
IF
(A)
0
(1)
(2)
(3)
Fig. 6. Forward current as a function of forward
voltage
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr
Fig. 7. Reverse recovery definitions; ramp recovery


유사한 부품 번호 - BYC30X-600P_15

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BYC30X-600P ISC-BYC30X-600P Datasheet
293Kb / 2P
   Ultra fast Rectifier
logo
WeEn Semiconductors
BYC30X-600P WEEN-BYC30X-600P Datasheet
340Kb / 10P
   Hyperfast power diode
More results

유사한 설명 - BYC30X-600P_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com