전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1DE0505SZ 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM1DE0505SZ
상세설명  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DE0505SZ 데이터시트(HTML) 2 Page - AIMTEC

  AM1DE0505SZ Datasheet HTML 1Page - AIMTEC AM1DE0505SZ Datasheet HTML 2Page - AIMTEC AM1DE0505SZ Datasheet HTML 3Page - AIMTEC AM1DE0505SZ Datasheet HTML 4Page - AIMTEC AM1DE0505SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM1DE-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
5
4.5 - 5.5
VDC
12
10.8 - 13.2
24
21.6 - 26.4
Filter
Capacitor
Input Reflected Ripple Current
With reference circuit
15
mA p-p
Absolute Maximum Rating
(1 Sec Max)
5 Vin
0-9
VDC
12 Vin
0-18
24 Vin
0-30
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500 or 3000
VDC
Resistance
> 1000
MOhm
Capacitance
50
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
See tolerance chart
Short Circuit Protection
Continuous with Auto Recovery
Line Voltage Regulation
For 1.0% of Vin
±1.2
%
Load Voltage Regulation
Load 10~100%
±10
%
Temperature Coefficient
±0.02
%/oC
Ripple & Noise*
At 20MHz Bandwidth
60
mV p-p
* measured with 0.1 μF ceramic capacitor
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching Frequency
50
KHz
Operating Temperature
Derating above 95°C
-40 to +105
oC
Storage Temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
95
%
Case Material
Non-conductive black plastic UL 94 V-0
Weight
2.4
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.39 inch
19.50 x 6.00 x 9.90 mm
MTBF
>3 600 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN 55022: 2010+AC: 2011, Class B (external reference circuit below)
EN 55024: 2010
IEC 61000-4-2: 2008
IEC 61000-4-3: 2010
IEC 61000-4-4: 2012
IEC 61000-4-5: 2014
IEC 61000-4-6: 2013
IEC 61000-4-8: 2009
Designed to meet IEC60950-1


유사한 부품 번호 - AM1DE0505SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-050303D AIMTEC-AM1D-050303D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503D AIMTEC-AM1D-0503D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503DZ AIMTEC-AM1D-0503DZ Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-0503S AIMTEC-AM1D-0503S Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results

유사한 설명 - AM1DE0505SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com