전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1G-NZ 데이터시트(PDF) 4 Page - AIMTEC

부품명 AM1G-NZ
상세설명  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G-NZ 데이터시트(HTML) 4 Page - AIMTEC

  AM1G-NZ Datasheet HTML 1Page - AIMTEC AM1G-NZ Datasheet HTML 2Page - AIMTEC AM1G-NZ Datasheet HTML 3Page - AIMTEC AM1G-NZ Datasheet HTML 4Page - AIMTEC AM1G-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM1G-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8
4 of 5
North America only
Derating
Free Air Convection
-40
-20
0
2040
6080
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
85 C
º
105
Recommended EMC Circuit
Model
C1
C2
C4
LDM
MOV
TVS
C3
LDM2
Cd
D1
R1
5 Vin
4.7µF / 50V
4.7µF / 50V
1nF /3KV
12 µH
-
SMCJ13A
680µF /
16V
-
47nF
/100V
RB160M-
60/1A
See
Formula
12 Vin
4.7µF / 50V
4.7µF / 50V
1nF /3KV
12 µH
-
SMCJ28A
680µF /
25V
-
47nF
/100V
RB160M-
60/1A
See
Formula
24 Vin
4.7µF / 100V
4.7µF / 50V
1nF /3KV
12 µH
S14K35
SMCJ48A
330µF /
50V
56µH
47nF
/100V
RB160M-
60/1A
See
Formula
48 Vin
4.7µF / 100V
4.7µF / 100V
1nF /3KV
12 µH
S14K60
SMCJ90A
330µF /
100V
56µH
47nF
/100V
RB160M-
60/1A
See
Formula
Note: Fuse is user selectable
R1 = ((Vcd – Vd1 – 1.0) / Icntl)‐ 300


유사한 부품 번호 - AM1G-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-0503DH30Z AIMTEC-AM1G-0503DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503DZ AIMTEC-AM1G-0503DZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SH30Z AIMTEC-AM1G-0503SH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SZ AIMTEC-AM1G-0503SZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0505DH30Z AIMTEC-AM1G-0505DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
More results

유사한 설명 - AM1G-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com