전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1L-N-Z 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM1L-N-Z
상세설명  1 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-N-Z 데이터시트(HTML) 3 Page - AIMTEC

  AM1L-N-Z Datasheet HTML 1Page - AIMTEC AM1L-N-Z Datasheet HTML 2Page - AIMTEC AM1L-N-Z Datasheet HTML 3Page - AIMTEC AM1L-N-Z Datasheet HTML 4Page - AIMTEC AM1L-N-Z Datasheet HTML 5Page - AIMTEC AM1L-N-Z Datasheet HTML 6Page - AIMTEC AM1L-N-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.O
3 of 7
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Humidity
95
%
Case material
Plastic UL94-VO
Weight
1.5
g
Dual Separated
2.1
Dimensions (L x W x H)
Single 1000VDC
0.50 x 0.44 x 0.25 inch
12.70 x 11.20 x 6.25 mm
Dual 1000VDC
0.60 x 0.44 x 0.25 inch 15.24 x 11.20 x 6.25 mm
Dual Separated 1000VDC
0.70 x 0.70 x 0.24 inch
17.78 x 17.78 x 6.00 mm
Single and Dual 3000VDC
0.6 x 0.44 x 0.26 inch 15.24 x 11.20 x 6.50 mm
MTBF
>980 000 hrs single, 1 000 000hrs dual (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Agency approvals
cULus (without 24V models and dual separate models)
CE (for 5 and 12 Vin single models)
Standards
IEC/UL 60950-1
Pin Out Specifications
1000VDC
3000VDC
N.C: Not Connected
Pin
Single
1
- V Input
2
+ V Input
3
N. C.
4
- V Output
5
.+V Output
6
N.C.
7
N.C.
8
N.C.
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
N.C.
N.C.
4
Omitted
Omitted
5
-V Output
Common
6
N.C.
-V Output
7
N.C.
N.C.
8
+V Output
+V Output
9
Omitted
Omitted
10
N.C.
N.C.
11
N.C.
N.C.
12
N.C.
N.C.
Pin
Dual
1
- V Input
2
+ V Input
3
N. C.
4
Common
5
.-V Output
6
N.C.
7
+V Output
8
N.C.
9
N.C.
10
N.C.
Pin
Dual
Separated
1
- V Input
2
+ V Input
3
N.C.
5
- V1 Output
6
.+V1 Output
7
N.C
8
N.C
9
.+V2 Output
10
- V2 Output
12
N.C
13
N.C
14
N.C


유사한 부품 번호 - AM1L-N-Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-NZ AIMTEC-AM1L-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-NZ AIMTEC-AM1L-NZ_13 Datasheet
360Kb / 6P
   1 Watt | DC-DC Converter
More results

유사한 설명 - AM1L-N-Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com