전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D723FTBG 데이터시트(PDF) 9 Page - Marktech Corporate

부품명 TC62D723FTBG
상세설명  16-Output constant current LED driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D723FTBG 데이터시트(HTML) 9 Page - Marktech Corporate

Back Button TC62D723FTBG_15 Datasheet HTML 5Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 6Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 7Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 8Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 9Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 10Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 11Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 12Page - Marktech Corporate TC62D723FTBG_15 Datasheet HTML 13Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
TC62D723FTBG
2012-03-19
9
8-2-1) S1 command (The PWM data is transmitted to the PWM data register 2 or 3.)
Operation) In the number of SCK pulses at TRANS="H" is 2 or3, the following operation is executed.
1. The PWM data in the PWM data register 1 is transmitted to the PWM data register 2 or 3.
2. The automatic output open/short detection result data is transmitted to the 16-bit shift register. Note1
When internal PWM count is 1 to 21, the output open/short detection automatic operation is done.
3. The PWM output start.
● In the case of the one-shot PWM output mode
Note2
In the input of this command, the PWM output is turned on once.
When restarting by same PWM data, please input this command again.
● In the case of the
repeat PWM output mode Note2
In the input of this command, PWM output is output repeatedly.
In order to stop a PWM output, the input of a reset command is required.
Setting of PWM output mode is set by the S6 command.
Note) About the output operation when this command is input while PWM output.
1. When the PWM counter is the synchronous mode. Note3
After the present PWM output has ended, PWM output is started by new PWM data.
2. When the PWM counter is the asynchronous mode. Note3
The present PWM output is canceled and a PWM output is immediately
started by new PWM data.
Setting of PWM output synchronization is set by the S6 command.
Basic input pattern of S1 command)
The first SCK (signal X) after this command is used for transmission of the output open/short detection result
data. The input from SIN is not received. Note1
When internal PWM count is 1 to 21, the output open/short detection automatic operation is done.
Please do not input the first SCK (signal X) after S1 command during detection. Note1
Note1: This operation is performed when the output open/short detection function is “Active” setting.
The output open/short detection functions are set by S6 command.
Default setting is “Not Active”.
Note2: PWM output system is set by the S6 command.
Default setting is “Repeat PWM output mode”.
Note3: PWM output synchronization PWM resolution is set by the S6 command.
Default setting is “Synchronous mode”.


유사한 부품 번호 - TC62D723FTBG_15

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
More results

유사한 설명 - TC62D723FTBG_15

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com