전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D749CFG 데이터시트(PDF) 11 Page - Marktech Corporate

부품명 TC62D749CFG
상세설명  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D749CFG 데이터시트(HTML) 11 Page - Marktech Corporate

Back Button TC62D749CFG_15 Datasheet HTML 7Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 8Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 9Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 10Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 11Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 12Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 13Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 14Page - Marktech Corporate TC62D749CFG_15 Datasheet HTML 15Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TC62D749CFG
2012-01-10
11
Test Circuit4: Power supply current
Test Circuit5: Constant current output / Output OFF leak current / Constant current error
Test Circuit5: Constant current output power supply voltage regulation
Constant current output output voltage regulation
SCK
SIN
OE
VDD
OUT0
RL = 300
CL
OUT7
CL
RL
OUT15
CL = 10.5 pF
RL
SOUT
GND
REXT
SLAT
Test Circuit6: Switching Characteristics
F.G
VIH = VDD
VIL = 0 V
tr = tf = 10 ns
(10 to 90%)
SCK
SIN
OE
VDD
OUT0
OUT7
OUT15
SOUT
GND
REXT
SLAT
F.G
VIH = VDD
VIL = 0 V
tr = tf = 10 ns
(10 to 90%)
A
A
A
SCK
SIN
OE
VDD
OUT0
OUT7
OUT15
SOUT
GND
REXT
SLAT
F.G
VIH = VDD
VIL = 0 V
tr = tf = 10 ns
(10 to 90%)
A


유사한 부품 번호 - TC62D749CFG_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D749CFG TOSHIBA-TC62D749CFG Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D749CFG MARKTECH-TC62D749CFG Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
More results

유사한 설명 - TC62D749CFG_15

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com