전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT126 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ABT126
상세설명  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT126 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT126_15 Datasheet HTML 4Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 5Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 6Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 7Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 8Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 9Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 10Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 11Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 14597
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
8 of 15
Philips Semiconductors
74ABT126
Quad buffer; 3-state
12. Waveforms
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 4.
Propagation delay input (nA) to output (nY)
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Enable and disable times of 3-state outputs
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
001aac486
tPZL
nY output
nY output
nOE input
VOL
VOH
3.5 V
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VOL + 0.3 V
VOH − 0.3 V
VM
VM


유사한 부품 번호 - 74ABT126_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT126CMTC FAIRCHILD-74ABT126CMTC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CMTCX_NL FAIRCHILD-74ABT126CMTCX_NL Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CSC FAIRCHILD-74ABT126CSC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CSJ FAIRCHILD-74ABT126CSJ Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
NXP Semiconductors
74ABT126D PHILIPS-74ABT126D Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results

유사한 설명 - 74ABT126_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com