전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC_AHCT3G14 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC_AHCT3G14
상세설명  Triple inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT3G14 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT3G14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74AHC_AHCT3G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 13 May 2013
6 of 19
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Triple inverting Schmitt trigger
11.1 Transfer characteristics
12. Dynamic characteristics
Table 8.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). See Figure 9 and Figure 10.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G14
VT+
positive-going
threshold
voltage
VCC = 3.0 V
-
-
2.2
-
2.2
-
2.2
V
VCC = 4.5 V
-
-
3.15
-
3.15
-
3.15
V
VCC = 5.5 V
-
-
3.85
-
3.85
-
3.85
V
VT
negative-going
threshold
voltage
VCC = 3.0 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 4.5 V
1.35
-
-
1.35
-
1.35
-
V
VCC = 5.5 V
1.65
-
-
1.65
-
1.65
-
V
VH
hysteresis
voltage
VCC = 3.0 V
0.3
-
1.2
0.3
1.2
0.25
1.2
V
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.5
-
1.6
0.5
1.6
0.45
1.6
V
74AHCT3G14
VT+
positive-going
threshold
voltage
VCC = 4.5 V
-
-
2.0
-
2.0
-
2.0
V
VCC = 5.5 V
-
-
2.0
-
2.0
-
2.0
V
VT
negative-going
threshold
voltage
VCC = 4.5 V
0.5
-
-
0.5
-
0.5
-
V
VCC = 5.5 V
0.6
-
-
0.6
-
0.6
-
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.4
-
1.6
0.4
1.6
0.35
1.6
V
Table 9.
Dynamic characteristics
GND = 0 V; tr = tf 3.0 ns; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G14
tpd
propagation
delay
nA to nY; see Figure 7
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.2
12.8
1.0
15.0
1.0
16.5
ns
CL = 50 pF
-
6.0
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.2
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
4.6
10.6
1.0
12.0
1.0
13.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF; fi =1 MHz;
VI =GND to VCC
[4]
-10-
-
-
-
-
pF


유사한 부품 번호 - 74AHC_AHCT3G14_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC_AHCT3G04 PHILIPS-74AHC_AHCT3G04_15 Datasheet
182Kb / 14P
   Inverter
Rev. 3-26 March 2013
More results

유사한 설명 - 74AHC_AHCT3G14_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com