전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC_AHCT257 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AHC_AHCT257
상세설명  Quad 2-input multiplexer; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT257 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT257_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AHC_AHCT257_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
9 of 16
NXP Semiconductors
74AHC257; 74AHCT257
Quad 2-input multiplexer; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZL and tPZH.
[4]
tdis is the same as tPLZ and tPHZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
74AHCT257; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
nI0, nI1 to nY; see Figure 6
[2]
CL = 15 pF
-
3.7
6.5
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
4.9
8.5
1.0
10.0
1.0
11.0
ns
S to nY; see Figure 6
[2]
CL = 15 pF
-
5.1
9.0
1.0
10.5
1.0
11.5
ns
CL = 50 pF
-
6.4
10.5
1.0
12.5
1.0
13.5
ns
ten
enable time
OE to nY; see Figure 7
[3]
CL = 15 pF
-
3.9
8.0
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
5.1
10.0
1.0
11.0
1.0
12.0
ns
tdis
disable time
OE to nY; see Figure 7
[4]
CL = 15 pF
-
4.5
7.5
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.5
9.5
1.0
10.5
1.0
11.5
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[5]
4 outputs switching via
input S
-51
-
-
-
-
-
pF
1 output switching via
input I
-15
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


유사한 부품 번호 - 74AHC_AHCT257_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC_AHCT245 PHILIPS-74AHC_AHCT245_15 Datasheet
108Kb / 16P
   Octal bus transceiver; 3-state
Rev. 05-28 April 2009
74AHC_AHCT2G125 PHILIPS-74AHC_AHCT2G125_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 3-6 May 2013
74AHC_AHCT2G126 PHILIPS-74AHC_AHCT2G126_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 7-6 May 2013
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
More results

유사한 설명 - 74AHC_AHCT257_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com