전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC14 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ALVC14
상세설명  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ALVC14_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
4 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
The die substrate is attached to the
exposed die pad using conductive die
attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and
TSSOP14
Fig 5.
Pin configuration DHVQFN14
14
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac498
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac499
14
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 3:
Pin description
Symbol
Pin
Description
1A
1
1 data input A
1Y
2
1 data output Y
2A
3
2 data input A
2Y
4
2 data output Y
3A
5
3 data input A
3Y
6
3 data output Y
GND
7
ground (0 V)
4Y
8
4 data output Y
4A
9
4 data input A
5Y
10
5 data output Y
5A
11
5 data input A
6Y
12
6 data output Y
6A
13
6 data input A
VCC
14
supply voltage


유사한 부품 번호 - 74ALVC14_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC14BQ PHILIPS-74ALVC14BQ Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Nexperia B.V. All right...
74ALVC14BQ NEXPERIA-74ALVC14BQ Datasheet
254Kb / 16P
   Hex inverting Schmitt trigger
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC14D PHILIPS-74ALVC14D Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Nexperia B.V. All right...
74ALVC14D NEXPERIA-74ALVC14D Datasheet
254Kb / 16P
   Hex inverting Schmitt trigger
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC14PW PHILIPS-74ALVC14PW Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
More results

유사한 설명 - 74ALVC14_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com