전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC573 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ALVC573
상세설명  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC573_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVC573_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
8 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
[1]
Typical values are measured at Tamb =25 °C
[2]
tpd is the same as tPHL and tPLH.
ten is the same as tPZH and tPZL.
tdis is the same as tPHZ and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs
tW
pulse width
LE pulse width HIGH; see Figure 9
VCC = 1.65 V to 1.95 V
3.8
-
-
ns
VCC = 2.3 V to 2.7 V
3.3
-
-
ns
VCC = 2.7 V
3.3
-
-
ns
VCC = 3.0 V to 3.6 V
3.3
-
-
ns
tsu
set-up time
Dn to LE; see Figure 11
VCC = 1.65 V to 1.95 V
0.8
-
-
ns
VCC = 2.3 V to 2.7 V
0.8
-
-
ns
VCC = 2.7 V
0.8
-
-
ns
VCC = 3.0 V to 3.6 V
0.8
-
-
ns
th
hold time
Dn to LE; see Figure 11
VCC = 1.65 V to 1.95 V
0.8
-
-
ns
VCC = 2.3 V to 2.7 V
0.8
-
-
ns
VCC = 2.7 V
0.8
-
-
ns
VCC = 3.0 V to 3.6 V
0.7
-
-
ns
CPD
power dissipation
capacitance
per latch; VI = GND to VCC; VCC = 3.3 V
[3]
outputs HIGH or LOW state
-
37
-
pF
outputs 3-state
-
7
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 12.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max


유사한 부품 번호 - 74ALVC573_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC573BQ PHILIPS-74ALVC573BQ Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC573BQ NXP-74ALVC573BQ Datasheet
101Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 03-26 October 2007
logo
Nexperia B.V. All right...
74ALVC573BQ NEXPERIA-74ALVC573BQ Datasheet
268Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74ALVC573D PHILIPS-74ALVC573D Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC573D NXP-74ALVC573D Datasheet
101Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 03-26 October 2007
More results

유사한 설명 - 74ALVC573_15

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com