전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC164245 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVC164245
상세설명  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC164245_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74ALVC164245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 15 March 2012
6 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
SOT370-1 and SOT362-1
SOT1134-2
1DIR, 2DIR 1, 24
A30, A13
direction control input
1B0 to 1B7
2, 3, 5, 6, 8, 9, 11, 12
B20, A31, D5, D1, A2, B2, B3, A5
data input/output
2B0 to 2B7
13, 14, 16, 17, 19, 20, 22, 23
A6, B5, B6, A9, D2, D6, A12, B8
data input/output
GND
4, 10, 15, 21, 28, 34, 39, 45
A32, A3, A8, A11, A16, A19, A24, A27
ground (0 V)
VCC(B)
7, 18
A1, A10,
supply voltage B (5 V bus)
1OE, 2OE
48, 25
A29, A14
output enable input (active LOW)
1A0 to 1A7
47, 46, 44, 43, 41, 40, 38, 37
B18, A28, D8, D4, A25, B16, B15, A22
data input/output
2A0 to 2A7
36, 35, 33, 32, 30, 29, 27, 26
A21, B13, B12, A18, D3, D7, A15, B10
data input/output
VCC(A)
31, 42
A17, A26
supply voltage A (3 V bus)
n.c.
-
A4, A7, A20, A23, B1, B4, B7, B9, B11,
B14, B17, B19
not connected
Table 3.
Function table[1]
Inputs
Outputs
nOE
nDIR
nAn
nBn
L
L
nAn = nBn
inputs
L
H
inputs
nBn = nAn
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). See
[1].
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(B)
supply voltage B
VCC(B)  VCC(A)
0.5
+6.0
V
VCC(A)
supply voltage A
VCC(B)  VCC(A)
0.5
+4.6
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[2]
0.5
+6.0
V
VI/O
input/output voltage
0.5
VCC +0.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
output HIGH or LOW
[2]
0.5
VCC +0.5
V
output 3-state
[2]
0.5
+6.0
V
IO(sink/source)
output sink or source
current
VO =0VtoVCC
-
50
mA
ICC
supply current
-
100
mA


유사한 부품 번호 - 74ALVC164245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245DGG NXP-74ALVC164245DGG Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

유사한 설명 - 74ALVC164245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com